Part Number Hot Search : 
NTUD3169 T85HF140 B8247 R24Y15 LTC3525 75M000 SMA33 RBV1510D
Product Description
Full Text Search
 

To Download DLE-020-065 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO.,LTD.
Device Number : DLE-020-065 REV: 2.1
3mm Round Standard LEDs, T-1
MODEL NO :
Features :

204GT
ECN :
Package Dimensions:
Page:
1/4
High luminous power. Can be driven at low current. 2.54mm lead spacing. Available on tape and reel.
Descriptions :
The series is specially designed for applications require higher brightness than that achievable with standard lamp. The LED lamps are available with different colors,intensities, epoxy colors, etc.
Applications :

Notes : 1.All dimensions are in millimeters. 2.An epoxy meniscus may extend about 1.5mm(0.059") down to the lead.
TV Set Monitor Telephone Computer PART NO
Chip Material Emitted Color Green
Lens Color
204GT
GaP
Green Trans
OFFICE : NO. 25,Lane 76,Sec.3, Chung Yang Rd., Tucheng 236, Taipei, Taiwan, R.O.C. TEL : 886-2-2267-2000,2267-9936 FAX : 886-2-2267-6244,22676189,22676306 http://www.everlight.com
EVERLIGHT ELECTRONICS CO.,LTD.
Device Number : DLE-020-065 REV: 2.1
3mm Round Standard LEDs, T-1
MODEL NO :
Parameter Forward Current
Operating Temperature Storage Temperature Soldering Temperature
204GT
Symbol If Topr Tstg Tsol Pd If(Peak) Vr Rating 30
-40 to +85 -40 to +100
ECN :
Page:
2/4
Absolute Maximum Ratings at Ta = 25 Unit mA mW mA V
260 5
Power Dissipation
Peak Forward Current(Duty 1/10 @ 1KHZ)
100 160 5
Reverse Voltage
Electronic Optical Characteristics : Parameter
Luminous intensity Viewing Angle Peak Wavelength
Dominant Wavelength
Symbol Iv 21/2 p d Vf Ir
MIN. 25
------
TYP. 40 30 565 570 30 2.1 ----
MAX. ---------------2.4 10
Unit mcd deg nm nm nm V A
Condition If=10mA If=20mA If=20mA If=20mA If=20mA If=20mA Vr=5V
----------1.7 ----
Spectrum Radiation Bandwidth Forward Voltage Reverse Current
EVERLIGHT ELECTRONICS CO.,LTD.
Device Number : DLE-020-065 REV: 2.1
3mm Round Standard LEDs, T-1
MODEL NO
204GT
ECN :
Page:
3/4
Typical Electro-Optical Characteristic Curves
EVERLIGHT ELECTRONICS CO.,LTD.
Device Number : DLE-020-065 REV: 2.1
3mm Round Standard LEDs, T-1
MODEL NO
204GT
ECN :
Page:
4/4
Reliability test items and conditions NO 1 Item Soldering Heat Test Conditions TEMP : 260 5 H : +85 30min 5 min L : -55 30min H : +100 5min 10 sec L : -10 5min TEMP : 100
Test Hours/Cycle
Sample Size 76 Pcs
Ac/Re 0/1
5 SEC
2
Temperature Cycle
50 CYCLE
76 Pcs
0/1
3
Thermal Shock High Temperature Storage Low Temperature Storage DC Operating Life High Temperature / High Humidity
50 CYCLE
76 Pcs
0/1
4
1000 HRS
76 Pcs
0/1
5
TEMP : -55
1000 HRS
76 Pcs
0/1
6
If = 20 mA
1000 HRS
76 Pcs
0/1
7
85/85% RH
1000 HRS
76 Pcs
0/1


▲Up To Search▲   

 
Price & Availability of DLE-020-065

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X